PART |
Description |
Maker |
ST13081 STI431 ST16012 ST15012 ST15011 STI709 STI7 |
MediaClock MPEG Clock Generator with VCXO DIODE TVS 150V 600W BIDIR 5% SMB 18-Mbit QDR-II SRAM 4-Word Burst Architecture TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 10A I(C) | TO-3 DIODE TVS 7.5V 600W UNI 5% SMB DIODE TVS 7.5V 600W BIDIR 5% SMB 3.3V 32K/64K x 16/18 Dual-Port Static RAM CAPSENSE EXPRESS EVALUATION KIT DIODE TVS 13V 600W UNIDIR 5% SMB Peppermint Board (CY22393 Candy Board) DIODE TVS 150V 600W UNI 5% SMB DIODE TVS 82V 600W BIDIR 5% SMB Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option 晶体管|晶体管|叩| 450V五(巴西)总裁|5A一(c)|04AA Failsafe™ 2.5V/ 3.3V Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
SMCJ18A-TP SMCJ78CA-TP SMCJ48CA-TP SMCJ58CA-TP SMC |
TVS 1500W 18V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 78V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 48V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 58V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 9.0V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 16V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 26V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 7.0V UNIDIRECT SMC TVS 1500W 130V UNIDIRECT SMC
|
Micro Commercial Components, Corp.
|
BDH50 BDH20 BDH57 |
TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Peak Pulse Power PPK @ 10x1000uS:600W; Package DIODE TVS 120V 600W BIDIR 5% SMB TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:13V; Breakdown Voltage, Vbr:14.4V; Peak Pulse Power PPK @ 10x1000uS:600W; Package/Case:DO-214; Leaded Process Compatible:Yes; Mounting Type:Through Hole 保险
|
Electronic Theatre Controls, Inc.
|
STIP10 STI60 STI80 STI90 STIP805 STIP60 |
SURGE ARRESTER GDT 90V SMD DIODE TVS 9.1V 600W BIDIR 5% SMB TRANSISTOR | BJT | NPN | 900V V(BR)CEO | 1A I(C) | TO-5 DIODE TVS 47V 600W UNIDIR 5% SMB 晶体管|晶体管|叩| 600V的五(巴西)总裁| TO - 39封装 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
|
MP6KE30A MP6KE36A MP6KE33A MP6KE130A MP6KE120A MP6 |
600W Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600W Transient Voltage Suppressor
|
Microsemi Corporation http:// MICROSEMI CORP-IRELAND
|
CD214B-T6.5CALF CD214B-T6.5ALF CD214A-T6.5ALF CD21 |
TVS Bidirect Diode 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS Bidirect Diode 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS Unidirect Diode 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:24V; Breakdown Voltage, Vbr:26.7V; Package/Case:DO-214AA; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:600W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:24V; Breakdown Voltage, Vbr:26.7V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:100V; Breakdown Voltage, Vbr:111V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:33V; Breakdown Voltage, Vbr:36.7V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes TVS Diode; Diode Type:Unidirectional TVS; Stand-Off Voltage, VRWM:150V; Breakdown Voltage, Vbr:167V; Package/Case:DO-214AA; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:600W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Package/Case:DO-214AC; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:400W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:12V; Breakdown Voltage, Vbr:13.3V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:20V; Breakdown Voltage, Vbr:22.2V; Package/Case:DO-214AB; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Power PPK @ 10x1000uS:1500W RoHS Compliant: Yes CD214B Transient Voltage Suppressor Diode Series
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
P6SMB39A P6SMB100A MB39A-E3 MB440A-E3 P6SMB75A |
DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA, PLASTIC, SMB, 2 PIN, Transient Suppressor
|
Vishay Semiconductors
|
BZW06P64 BZW06P33 BZW06P33B BZW06P7V0 BZW06-64B BZ |
Diode TVS Single Uni-Dir 273V 600W 2-Pin DO-15 Diode TVS Single Bi-Dir 64.1V 600W 2-Pin DO-15 Diode TVS Single Uni-Dir 64.1V 600W 2-Pin DO-15 Diode TVS Single Bi-Dir 7.02V 600W 2-Pin DO-15
|
New Jersey Semiconductor
|
ATV15C580J-G ATV15C580JB-G ATV15CJ750A-G ATV15CJ75 |
Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=150V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=145V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=47.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=70.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=299.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=470.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=10%
|
Comchip Technology
|
WM8141CFT/V WM8141 |
TVS UNIDIRECT 400W 40V SMA 12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
|
Wolfson Microelectronics plc Wolfson Microelectronic...
|
BSV52R BFE215R BFAP83 BF521 BDP492 BDP495 BCAE07 B |
BSV52R - Tranzystor prze潮czaj便y BFE215R - Tranzystor wielkiej cz牦totliwo躲i BFAP83 - Tranzystor wielkiej cz牦totliwo躲i specjalny BF521 - Tranzystor wielkiej cz牦totliwo躲i TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:36V; Breakdown Voltage, Vbr:40V; Peak Pulse Power PPK @ 10x1000uS:600W; Package Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Through Hole; Polarization:Unipolar; Power Cyclone FPGA 6K PQFP-240 Cartridge Fuse; Current Rating:12A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No FUSE-250V,1.0A,SLO-BLO 0.25X1.25 FUSE 15A 250V 3AB FAST-BLOW 30SMAX@30A 750A_INTER.RATING UL/CSA 3A 250V SLO-BLO 1/4X1-1/4 CERA FUSE 15A 32V Cartridge Fuse; Current Rating:10A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No Cartridge Fuse; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:326 RoHS Compliant: No Cartridge Fuse; Current Rating:7A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:25A; Voltage Rating:32V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Body Material:Ceramic; Diameter:6.985mm; Fuse Terminals:Axial Lead; Leaded Process Compatible:No; Length:32.258mm; Peak Reflow Compatible (260 C):No DIODE TVS 200V 600W BIDIR 5% SMB BF619 - Tranzystor wielkiej cz牦totliwo躲i DIODE TVS 28V 600W BI-DIR SMB DIODE TVS 30V 600W BI-DIR SMB BCE107R - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107R - Tranzystor马冲南航牦totliwo躲いま冲 mocy BDCP25 - Tranzystor ma冲j cz牦totliwo躲i du垮j mocy specjalny BDCP25 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny DIODE TVS 20V 600W UNI-DIR SMB BDP286 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy BCE107 - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107 - Tranzystor马冲南航牦totliwo躲いま冲 mocy DIODE TVS 130V 400W BIDIR 5% SMA BDAP95 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny VARISTOR MEDIUM VOLTAGE BCE109R - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE109 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy BCE107 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
|
NXP Semiconductors N.V. Cirrus Logic, Inc. Belden, Inc. PHOENIX CONTACT Deutschland GmbH
|
|